PART |
Description |
Maker |
35507-1100 35507-1400 |
Wire To Board Header; Number of Contacts:11; Pitch Spacing:0.079"; Number of Rows:1; Gender:Header; Series:35507; Body Material:Polyamide; Current Rating:2A; Voltage Rating:125V 11 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP, RECEPTACLE 14CKT NEW 2.0 W/B CONN HOUSING 14 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP, RECEPTACLE
|
Molex, Inc.
|
15-92-3050 15-92-3068 |
50 CKT .025 RC EBBI RECEP MS716603050 50 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, IDC, RECEPTACLE PCB Header; Number of Contacts:68; Pitch Spacing:0.05"; Number of Rows:2; Gender:Receptacle; Body Material:Thermoplastic; Contact Material:Copper Alloy; Contact Plating:Gold; Current Rating:1A; Housing Style:Right-Angle
|
Molex, Inc. MOLEX INC
|
39-29-0123 39-29-6208 39-31-0048 39-31-0107 39-31- |
Multipole Connector; Number of Contacts:12; Pitch Spacing:4.2mm; Number of Rows:2; Gender:Header; Series:5566; Body Material:PA Polyamide (Nylon) 6/6; Connecting Termination:Thru-Hole; Contact Plating:Gold 12 CONTACT(S), MALE, POWER CONNECTOR, SOLDER Header; Number of Contacts:20; Pitch Spacing:0.165"; Number of Rows:2; Series:Mini-Fit Jr.; Body Material:Nylon 6/6 20 CONTACT(S), MALE, POWER CONNECTOR, SOLDER Header; No. of Contacts:4; Pitch Spacing:0.165"; No. of Rows:2; Series:Mini-Fit Jr.; Body Material:Nylon 6/6 RoHS Compliant: Yes 4 CONTACT(S), MALE, POWER CONNECTOR, SOLDER Header; No. of Contacts:10; Pitch Spacing:0.165"; No. of Rows:2; Series:Mini-Fit Jr.; Body Material:Nylon 6/6 10 CONTACT(S), MALE, POWER CONNECTOR, SOLDER Header; No. of Contacts:8; Pitch Spacing:0.165"; No. of Rows:2; Series:Mini-Fit Jr.; Body Material:Nylon 6/6 8 CONTACT(S), MALE, POWER CONNECTOR, SOLDER Multipole Connector; Number of Contacts:20; Pitch Spacing:4.2mm; Number of Rows:2; Gender:Header; Series:5566; Body Material:PA Polyamide (Nylon) 6/6; Connecting Termination:Thru-Hole; Contact Plating:Tin 20 CONTACT(S), MALE, POWER CONNECTOR, SOLDER New Mini Fit Header Assy 6Ckt 6 CONTACT(S), MALE, POWER CONNECTOR, SOLDER Header; No. of Contacts:2; Pitch Spacing:0.165"; No. of Rows:2; Series:Mini-Fit Jr.; Body Material:Nylon 6/6 RoHS Compliant: Yes 2 CONTACT(S), MALE, POWER CONNECTOR, SOLDER A-5566-22B 22 CONTACT(S), MALE, POWER CONNECTOR, SOLDER 16 CONTACT(S), MALE, POWER CONNECTOR, SOLDER
|
Molex, Inc. MOLEX INC
|
90120-0129 90120-0138 90120-0121 90120-0767 90120- |
Header; Number of Contacts:9; Pitch Spacing:2.54mm; Number of Rows:1; Series:C-Grid III; Connector Body Material:Polyester; Mounting Type:PC Board; Terminal Type:Straight Pin 9 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER C-Grid SR Vt Pn 6.75/2.90mm Tn-A 18kt 18 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER C-Grid SR Vt Pn 6.75/2.90mm Tn-A 1Ckt 1 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER Header; Number of Contacts:7; Pitch Spacing:2.54mm; Number of Rows:1; Series:C-Grid III; Connector Body Material:Polyester; Mounting Type:PC Board; Terminal Type:Straight Pin 7 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER Header; Number of Contacts:40; Pitch Spacing:2.54mm; Number of Rows:1; Series:C-Grid III; Connector Body Material:Polyester; Mounting Type:PC Board; Terminal Type:Straight Pin 40 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER CONN HEADER 8POS .100 STR TIN 8 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER CONN HEADER 12POS .100 STR TIN 12 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER C-Grid SR Vt Pn 6.75/2.90mm Au-F 3Ckt 3 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER
|
Molex, Inc.
|
IXTH6N80 IXTM6N80 6N80 IXTM6N80A IXTH6N80A |
N-Channel Enhancement Mode 32-Bit Microcontroller IC; Controller Family/Series:(ARM9); Number of I/O Pins:24; ADC Channels:5; Number of Timers 8/12/16/32 Bits:0 / 0 / 2 / 1; Number of PWM Channels:1; Clock Speed:200MHz; Interfaces:AC97, I2S, SPI, UART, USB
|
IXYS[IXYS Corporation] ETC[ETC]
|
1728000000 |
Terminal Block; Number of Positions:8; Pitch Spacing:0.13"; Wire Size (AWG):24-12; Mounting Type:PC Board; Gender:Male; Leaded Process Compatible:Yes; Number of Contacts:8; Number of Rows:2; Terminal Block Clamp Type:Screw Clamp
|
WEIDMULLER
|
SY10EL33LZGTR SY10EL33LZI SY10EL33LZITR SY100EL33L |
IC, SM DIVIDER BY 2 PECLIC, SM DIVIDER BY 2 PECL; Logic IC family:100EL32; Logic IC Base Number:100; Logic IC function:32; Voltage, supply:5V; Case style:SOIC; Base number:100; IC Generic number:100EL32; Logic function number:32; 5V/3.3V ÷ 2 DIVIDER 5V/3.3V ± 2 DIVIDER
|
MICREL INC MICREL[Micrel Semiconductor]
|
87758-3217 87758-0616 87758-5017 87758-1817 87758- |
2mm MGrid VHdr .76AuLF 32Ckt 32 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER Header; Number of Contacts:6; Pitch Spacing:2mm; Number of Rows:2; Series:87758; Connector Body Material:Nylon; Mounting Type:PC Board; Terminal Type:Straight Pin 6 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER 2mm MGrid VHdr .76AuLF 50Ckt 50 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER MGrid VHdr .76AuLF 18Ckt 18 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER 2X1 M STR AU 2MMLS 0W 4MMH 2 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER CONN HEADER 12POS 2MM VERT GOLD
|
Molex, Inc. MOLEX INC
|
NA30E930000L NA30E930100L |
PART NUMBER SEE PART NUMBER INFORMATION DESCRIPTION CM 37 90 DEGREE LOW PROFILE COVER
|
List of Unclassifed Man...
|
22-11-2172 22-04-5109 22-04-5129 22-04-5198 22-04- |
Header, Vertical Friction Lock; Number of Contacts:17; Pitch Spacing:2.54mm; Number of Rows:1; Series:6373; Body Material:Nylon; Contact Plating:Gold 17 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER KK 100 Hdr FrLk Vert 10 Ckt Tin 10 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER KK 100 Hdr FrLk Vert 12 Ckt Tin 12 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER KK 100 Hdr FrLk Vert 19 Ckt Tin 19 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER KK 100 Hdr FrLk Vert 05 Ckt Tin 5 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER KK 100 Hdr FrLk Vert 05 Ckt Gold 5 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER KK 100 Hdr FrLk Vert 21 Ckt Gold 21 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER HEADER 24CKT STRGHT PIN 24 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER KK 100 Hdr FrLk Vert 23 Ckt Gold 23 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER KK 100 Hdr FrLk Vert 15 Ckt Tin 15 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER KK 100 Hdr FrLk Vert 11 Ckt Tin 11 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER KK 100 Hdr FrLk Vert 06 Ckt Tin 6 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER Header, Vertical Friction Lock; Number of Contacts:21; Pitch Spacing:2.54mm; Number of Rows:1; Series:6373; Body Material:Nylon; Contact Plating:Tin 21 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER KK 100 Hdr FrLk Vert 03 Ckt Tin 3 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER KK 100 Hdr FrLk Vert 10 Ckt 20 AU 10 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER Header Connector,PCB Mnt,RECEPT,14 Contacts,PIN,0.100 Pitch,PC TAIL Terminal,POLARIZED LCK 14 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER KK 100 Hdr FrLk Vert 13 Ckt Tin 13 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER KK 100 Hdr FrLk Vert 10 Ckt Gold 10 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER KK 100 Hdr FrLk Vert 08 Ckt Tin 8 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER Header, Vertical Friction Lock; No. of Contacts:2; Pitch Spacing:2.54mm; No. of Rows:1; Series:6373; Body Material:PA Polyamide (Nylon) 2 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER KK 100 Hdr FrLk Vert 26 Ckt Tin 26 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER KK 100 Hdr FrLk Vert 04 Ckt Tin 4 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER KK 100 Hdr FrLk Vert 06 Ckt Gold 6 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER Header, Vertical Friction Lock; Number of Contacts:15; Pitch Spacing:2.54mm; Number of Rows:1; Series:6373; Body Material:Nylon; Contact Plating:Gold 15 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER KK 100 Hdr FrLk Vert 02 Ckt Tin 2 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER 27 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER 20 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER KK 100 Hdr FrLk Vert 22 Ckt Gold 22 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER KK 100 Hdr FrLk Vert 16 Ckt Tin Multipole Connector; Number of Contacts:10; Pitch Spacing:2.54mm; Number of Rows:1; Gender:Header; Series:6373; Body Material:PA Polyamide (Nylon) 6/6; Color:White; Connecting Termination:Thru-Hole; Contact Plating:Tin
|
Molex, Inc. MOLEX INC
|
19-09-2127 |
Multipole Connector; Number of Contacts:12; Series:Standard .093"; Body Material:Nylon 6/6; Number of Rows:2 12 CONTACT(S), MALE OR FEMALE, POWER CONNECTOR, PLUG
|
Molex, Inc.
|
39357-0002 39357-0003 39357-0004 39357-0005 39357- |
Terminal Block; Number of Positions:2; Pitch Spacing:3.5mm; Wire Size (AWG):28-16; Mounting Type:PC Board; Body Material:PA Polyamide (Nylon) 6/6; Color:Black; Current Rating:17.5A; Gender:Header; Number of Contacts:2 Terminal Block; No. of Positions:8; Pitch Spacing:3.5mm; Wire Size (AWG):28-16; Mounting Type:PC Board; Body Material:PA Polyamide (Nylon) 6/6; Color:Black; Current Rating:17.5A; Gender:Header; No. of Contacts:8; No. of Rows:1 RoHS Compliant: Yes 3.50mm (.138? Pitch 35 Series Beau? Eurostyle? Fixed Terminal Blocks 3.50mm (.138隆卤) Pitch 35 Series Beau垄莽 Eurostyle垄莽 Fixed Terminal Blocks
|
MOLEX INC Molex Electronics Ltd.
|
|